PART |
Description |
Maker |
TB2300H TB3100H TB0640H-13 TB1100H TB1500H |
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR
|
TY Semiconductor Co., Ltd
|
TB1500H-13 TB3500H-13 TB0640H-13 TB2300H-13 TB1300 |
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 50 A, SILICON SURGE PROTECTOR 100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE 100号A的双向表面贴装晶闸管浪涌保护 Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:16-8 RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin
|
Diodes, Inc. Bourns, Inc. Diodes Inc. Diodes Incorporated
|
T3A6CI |
RECTIFIER STANDARD SINGLE 3A 400V 400 100A-ifsm 10uA-ir 1.15V-vf PowerDI5 5K/REEL BI-DIRECTIONAL TRIODE THYRISTOR 3A MOLD TRIAC
|
KEC Holdings KEC[KEC(Korea Electronics)]
|
A170 A170R A170D A170P A170PB A170PD A170PE A170N |
600V, 100A general purpose single diode 800V, 100A general purpose single diode SILICON RECTIFIER Silicon Recitifer 1000V, 100A general purpose single diode 1200V, 100A general purpose single diode 1400V, 100A general purpose single diode 1500V, 100A general purpose single diode
|
POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
HM28-20002 HM28-25032 HM28-24016 HM28-35041 HM28-2 |
DATA LINE FILTER FERRITE BEAD SMD805 600R /-25% DCR=0.30 200MA M/L Buckle Style Core Common-Mode Chokes 扣风格核心共模扼流圈 0-SPEED DIFF 2-WIRE GTS W/TIN PLATE 扣风格核心共模扼流圈 130 AMP BI-DIRECTIONAL CURRENT SENSOR 扣风格核心共模扼流圈 2-WIRE DIFF SPEED AND DIRECTION GTS SEE ATS642LSHTN-I2-T 100A CURRENT SENSOR, CB-PFF-5, 754; Temp, op. min:-40(degree C); Temp, op. max:150(degree C); Pins, No. of:5; Case style:CB-PFF; Base number:754; Temperature, operating range:-40(degree C) to (degree C) RoHS Compliant: Yes SEE ATS643LSHTN-I2-T Multilayer Ferrite Beads; Series:ILBB; Inductance:600uH; Inductance Tolerance: /- 25 %; Package/Case:0805; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:200mA; Impedance:600ohm; Leaded Process Compatible:Yes 100 AMP BI-DIRECTIONAL CURRENT SENSOR
|
BI TECHNOLOGIES CORP Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|
ADC-6-13 |
Surface Mount Directional Coupler
|
http:// Mini-Circuits
|
SMCJ150CA SMCJ33CA SMCJ28CA SMCJ85CA SMCJ188CA SMC |
SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
EIC discrete Semiconductors
|
CFTVS3V3B |
SURFACE MOUNT SILICON BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
|
Central Semiconductor C...
|
ES3XB-13-F ES3X-13-F ES3C-13-F ES3B-13-F |
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER RECTIFIER FAST-RECOVERY SINGLE 3A 150V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 3 A, 150 V, SILICON, RECTIFIER DIODE RECTIFIER FAST-RECOVERY SINGLE 3A 100V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 3 A, 100 V, SILICON, RECTIFIER DIODE
|
Diodes Incorporated Diodes, Inc.
|
CMNTVS12V |
SURFACE MOUNT UNI-DIRECTIONAL 12 VOLT SILICON QUAD TVS ARRAY
|
Central Semiconductor Corp
|
1.5SMC68CA 1.5SMC220CA 1.5SMC56CA 1.5SMC180CA 1.5S |
SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS
|
Central Semiconductor Corp http:// Central Semiconductor C...
|